|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PL IA Features NT SIP (Single in-line package) Output voltage programmable from 0.75 Vdc to 5.5 Vdc via external resistor 16 A output current Up to 94 % efficiency Small size, low profile Cost-efficient S CO Low output ripple and noise High reliability Remote on/off Output overcurrent protection (non-latching) Optional sequencing function *R oH M SX(T)16A-12SA SIP Non-Isolated Power Module Description Bourns(R) SX(T)16A-12SA is a non-isolated DC-DC converter offering designers a cost and space-efficient solution with standard features such as remote on/off, precisely regulated programmable output voltage and overcurrent protection and optional output voltage sequencing. Specifications Parameter INPUT Voltage Current Remote: ON/OFF Low or Open = High = OUTPUT Voltage Adjustment Range Current Voltage Setpoint Accuracy Line Regulation Load Regulation Temperature Regulation Ripple (pk-pk) (20 MHz Bandwidth) Ripple (rms) Dynamic Load Response: 50 % to 100 % Load or 100 % to 50 % Load; (i/t = 2.5 A/s; 25 C) 50 % to 100 % Load or 100 % to 50 % Load; (i/t = 2.5 A/s; 25 C) GENERAL MTBF Operating Temperature Storage Temperature Switching Frequency Efficiency (Vin = 12 Vdc, TA= 25 C, Full Load) -40 -55 300 85.0 87.0 88.0 90.5 92.0 94.0 Applications Min. 8.3 Nom. 12 Max. 14 10.0 Units Vdc Adc Notes Standard On Off -P option Off On 2.4 0.4 Vin 5.5 16.0 2.0 0.3 0.4 0.4 30 12 200 25 100 50 75 30 Vdc Vdc Vdc Adc % Vo, set % Vo, set % Vo, set % Vo, set mVpk-pk mVrms mV s mV s 10 A max. 1 mA max. 0.75 0.0 -2.0 0 to +85 C 1 F ceramic//10 F tantalum capacitors 1 F ceramic//10 F tantalum capacitors 1 F ceramic//10 F tantalum capacitors 2 x 150 F polymer capacitors 10,000 +85 +125 kHrs C C kHz % % % % % % Vo,set = 1.2 Vdc Vo,set = 1.5 Vdc Vo,set = 1.8 Vdc Vo,set = 2.5 Vdc Vo,set = 3.3 Vdc Vo,set = 5.0 Vdc Intermediate Bus architecture Distributed power applications Workstations and servers Telecom equipment Enterprise networks including LANs/WANs Latest generation ICs (DSP, FPGA, ASIC) and microprocessor powered applications *RoHS Directive 2002/95/EC Jan 27 2003 including Annex. Specifications are subject to change without notice. Customers should verify device performance in their specific applications. Output Voltage Programming Via external trim resistor between Trim and GND: Rtrim = Via application of external voltage between Trim and GND: Vtrim = (0.7 - 0.0667 x {Vo - 0.7525}) [ 10.5 - 1.0 k Vo - 0.7525 ] SX(T)16A-12SA SIP Non-Isolated Power Module Product Dimensions FRONT VIEW OF BOARD (INDUCTOR SIDE) 50.8 (2.00) 7.43 MAX. (0.293) SIDE VIEW 6.96 REF. (0.274) 12.7 (0.50) 12.32 (0.485) 1 2 3 4 5 6 7 8 B* 9 10 11 PINS 0.64 0.38 X (0.025) (0.015) L1 (REF.) 7.6 (0.30) 1.28 (0.050) 2.54 (0.100) 5.08 (0.200) 7.62 (0.300) 10.16 (0.400) 35.56 (1.400) 38.10 (1.500) 40.64 (1.600) 43.18 (1.700) 45.72 (1.800) 48.26 (1.900) 0.64 (0.025) 6.32 (0.249) DIMENSIONS: MM (INCHES) TOLERANCES: 0.5 (0.02) 0.25 DECIMAL .XX (0.010) DECIMAL .X *Pin Stuffed with SXT16A option only, absent with SX16A standard Specifications are subject to change without notice. Customers should verify device performance in their specific applications. SX(T)16A-12SA SIP Non-Isolated Power Module Recommended Hole Pattern 48.26 (1.900) 45.72 (1.800) 43.18 (1.700) 40.64 (1.600) 38.10 (1.500) 10.16 (0.400) 7.62 (0.300) 5.08 (0.200) 2.54 (0.100) 1.27 (0.050) 1 2 3 4 5 6 7 8 B* 9 10 Pinout Detail PIN 1 2 3 4 5 6 7 8 B (optional) 9 10 FUNCTION VOUT VOUT SENSE VOUT GND GND VIN VIN SEQ TRIM ON/OFF 35.56 (1.400) 1.3 (0.05) 7.9 (0.31) 1.09 (0.043) THROUGH-HOLE PLATED 1.63 (0.064) BOTH SIDES PAD SIZE *Hole required with SXT16A option only, not required with SX16A standard 50.8 (2.00) OUTLINE AREA How to Order Derating Output Current vs. Local Ambient Temp & Airflow S X (T) 16A - 12 S A (-P) Output Current (A) Configuration S = SIP Internal Identifier Identifies Sequencing Pin Function (optional) Output Current (Amps) Input Voltage (V) Outputs S = Single Output Voltage (V)* A = Adjustable Optional Positive On/Off Logic *Fixed output voltage parts and optional features available; contact factory. 18 16 12 14 10 8 6 4 2 0 25 30 NC (0 LFM) 0.5 m/s (100 LFM) 1.0 m/s (200 LFM) 1.5 m/s (300 LFM) 2.0 m/s (400 LFM) VIN = 12 VDC VO = 3.3 VDC 35 40 45 50 55 60 65 70 75 80 85 Ambient Temperature (C) Reliable Electronic Solutions Asia-Pacific: Tel: +886-2 2562-4117 * Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 * Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 * Fax: +1-951 781-5700 www.bourns.com REV. C 08/06 Specifications are subject to change without notice. Customers should verify device performance in their specific applications. |
Price & Availability of SXT16A-12SA-P |